Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC07G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC07G-S14-R
Description  NON-INVERT BUFFERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC07G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC07G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC07G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC07G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC07G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC07
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-409.C
NON-INVERT BUFFERS WITH
OPEN-DRAIN OUTPUT
DESCRIPTION
The U74AHC07 is a device with six independent non-inverting
buffers and the output of the buffer is an open drain. Each buffer
provides the Function Y=
A.
FEATURES
* Operate From 2V to 5.5V
* High Noise Immunity
* Low Power Dissipation
* Balanced Propagation Delays
* Output Capability Standard (Open Drain)
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC07G-S14-R
SOP-14
Tape Reel
U74AHC07G-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74AHC07G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC07G-S14-R UTC-U74AHC07G-S14-R Datasheet
178Kb / 4P
NON-INVERT BUFFERS WITH OPEN-DRAIN OUTPUT
More results

Similar Description - U74AHC07G-S14-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
HEX non-inverting buffers
January 1995
logo
Toshiba Semiconductor
TC7W34FU TOSHIBA-TC7W34FU Datasheet
187Kb / 6P
TRIPLE NON-INVERT BUFFER
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
Hex Buffers (Non-Inverting)
logo
Toshiba Semiconductor
TC7SH34FE TOSHIBA-TC7SH34FE Datasheet
148Kb / 5P
NON-INVERT BUFFER
TC7SH34FS TOSHIBA-TC7SH34FS Datasheet
168Kb / 6P
NON-INVERT BUFFER
TC7SET34F TOSHIBA-TC7SET34F Datasheet
174Kb / 5P
Non-Invert Buffer
logo
Unisonic Technologies
U74AHC07 UTC-U74AHC07 Datasheet
178Kb / 4P
NON-INVERT BUFFERS WITH OPEN-DRAIN OUTPUT
U74AHC34 UTC-U74AHC34 Datasheet
144Kb / 5P
NON-INVERT BUFFER
U74AHC34 UTC-U74AHC34_15 Datasheet
144Kb / 5P
NON-INVERT BUFFER
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
Hex non-inverting buffers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com