Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT3G17G-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHCT3G17G-P08-R
Description  NON-INVERTING SCHMITT TRIGGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT3G17G-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHCT3G17G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT3G17G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT3G17G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT3G17G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT3G17G-P08-R Datasheet HTML 5Page - Unisonic Technologies U74AHCT3G17G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHCT3G17
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-694.A
NON-INVERTING SCHMITT
TRIGGER
DESCRIPTION
The U74AHCT3G17 is a high-speed triple Schmitt-trigger buffer.
It provides three Schmitt-trigger buffers with the function Y=A.
The trigger is capable of transforming slowly changing input signals
into sharply defined, jitter-free output signals.
The U74AHCT3G17 is compatible with TTL input switching
levels and has supply voltage range from 4.5V to 5.5V.
FEATURES
* Low power supply 1.0μA at 5.5V
* Up to 5.5V inputs accept voltages
* Symmetrical output impedance
* High noise immunity
* Balanced propagation delays
APPLICATION
* Astable multivibrators
* Monostable multivibrators
* Wave and pulse shapers
TSSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHCT3G17L-P08-R
U74AHCT3G17G-P08-R
TSSOP-8
Tape Reel
U74AHCT3G17L-P08-T
U74AHCT3G17G-P08-T
TSSOP-8
Tube


Similar Part No. - U74AHCT3G17G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT3G17G-P08-R UTC-U74AHCT3G17G-P08-R Datasheet
176Kb / 6P
NON-INVERTING SCHMITT TRIGGER
More results

Similar Description - U74AHCT3G17G-P08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7014 PHILIPS-74HC7014 Datasheet
61Kb / 9P
Hex non-inverting precision Schmitt-trigger
1998 Jul 08
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Unisonic Technologies
U74AHC3G17 UTC-U74AHC3G17 Datasheet
173Kb / 6P
NON-INVERTING SCHMITT TRIGGER
U74AHCT3G17 UTC-U74AHCT3G17 Datasheet
176Kb / 6P
NON-INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Unisonic Technologies
U74AHC3G17 UTC-U74AHC3G17_15 Datasheet
173Kb / 6P
NON-INVERTING SCHMITT TRIGGER
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
logo
Nexperia B.V. All right...
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
Dual non-inverting Schmitt trigger
74HC7014-Q100 NEXPERIA-74HC7014-Q100 Datasheet
833Kb / 12P
Hex non-inverting precision Schmitt-trigger
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com