Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC74G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC74G-S14-R
Description  DUAL D FLIP-FLOP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC74G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC74G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC74G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC74G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC74G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC74G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC74
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-385.A
DUAL D FLIP-FLOP WITH SET
AND RESET,POSITIVE-EDGEN
TRIGGER
DESCRIPTION
The U74HC74 contains dual D flip-flops and each flip-flop
has independent DATA, SET , RESET
and clock inputs and
complementary outputs Q and Q . A low level at appropriate
input helps SET and RESET adjust the output. Data will be
transferred to the output during the low-to-high transition of the
CLK while SET and RESET are high.
FEATURES
* Operation Voltage Range: 2~6V
* Buffered Inputs
* Asynchronous Set and Reset
* Complementary Outputs
* High Noise Immunity
ORDERING INFORMATION
Ordering Number
Package
Packing
U74HC74G-P14-R
TSSOP-14
Tape Reel
U74HC74G-S14-R
SOP-14
Tape Reel


Similar Part No. - U74HC74G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC74G-S14-R UTC-U74HC74G-S14-R Datasheet
123Kb / 5P
DUAL D FLIP-FLOP WITH SET AND RESET,POSITIVE-EDGEN TRIGGER
More results

Similar Description - U74HC74G-S14-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
Dual Type D Flip-Flop
logo
National Semiconductor ...
CD4013BM NSC-CD4013BM Datasheet
141Kb / 6P
Dual D Flip-Flop
MM54C74 NSC-MM54C74 Datasheet
120Kb / 6P
Dual D Flip-Flop
logo
System Logic Semiconduc...
SL4013B SLS-SL4013B Datasheet
39Kb / 5P
Dual D Flip-Flop
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
KODENSHI_AUK CORP.
KK4013B KODENSHI-KK4013B Datasheet
263Kb / 6P
Dual D Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com