Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4066G-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC4066G-S14-R
Description  QUAD BILATERAL SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4066G-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC4066G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 5Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 6Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74HC4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-274.D
ELECTRICAL CHARACTERISTICS (TA=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
High-Level Input Voltage
VIH
VCC=2.0V
1.5
V
VCC=4.5V
3.15
V
VCC=6.0V
4.2
V
VCC=9.0V
6.3
V
Low-Level Input Voltage
VIL
VCC=2.0V
0.50
V
VCC=4.5V
1.35
V
VCC=6.0V
1.80
V
VCC=9.0V
2.70
V
Input Leakage Current
II(LEAK)
VCC=6V,VIN=VCC or GND
±1.0
μA
VCC=10V,VIN=VCC or GND
±2.0
μA
current per channel
OFF-state
IS
VCC=10V, VIN=VIH or VIL,
VS=VCC-GND
±1.0
μA
ON-state
±1.0
μA
Quiescent Supply Current
IQ
VCC=6V , VIN=VIS=VOS=VCC or GND
20
μA
VCC=10V , VIN=VIS=VOS=VCC or GND
40
μA
ON-resistance
Peak
RON
VCC=4.5V, IS=1mA,
VIN=VIH or VIL, VIS=VCC to GND
54
118
Ω
VCC=6.0V, IS=1mA,
VIN=VIH or VIL, VIS=VCC to GND
42
105
Ω
VCC=9.0V, IS=1mA,
VIN=VIH or VIL, VIS=VCC to GND
32
88
Ω
VCC=2.0V, IS=100μA,
VIN=VIH or VIL, VIS=GND
80
Ω
Rail
VCC=4.5V, IS=1mA,
VIN=VIH or VIL, VIS=GND
35
95
Ω
VCC=6.0V, IS=1mA,
VIN=VIH or VIL, VIS=GND
27
82
Ω
VCC=9.0V, IS=1mA,
VIN=VIH or VIL, VIS=GND
20
70
Ω
VCC=2.0V, IS=100μA,
VIN=VIH or VIL, VIS=VCC
100
Ω
VCC=4.5V, IS=1mA,
VIN=VIH or VIL, VIS=VCC
42
106
Ω
VCC=6.0V, IS=1mA,
VIN=VIH or VIL, VIS=VCC
35
94
Ω
VCC=9.0V, IS=1mA,
VIN=VIH or VIL, VIS=VCC
27
78
Ω
Maximum variation of ON-resistance
between any two channels
△
RON
VCC=4.5V, VIN=VIH or VIL,
VIS=VCC to GND
5
Ω
VCC=6.0V, VIN=VIH or VIL,
VIS=VCC to GND
4
Ω
VCC=9.0V, VIN=VIH or VIL,
VIS=VCC to GND
3
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com