Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4066G-S14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC4066G-S14-R
Description  QUAD BILATERAL SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4066G-S14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC4066G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 5Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 6Page - Unisonic Technologies U74HC4066G-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U74HC4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-274.D
DYNAMIC CHARACTERISTICS (TA=25℃, GND=0V; tR=tF=6ns; CL=50pF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation Delay From VIS to VOS
tPHL/tPLH
VCC=2.0V, RL=∞
8
75
ns
VCC=4.5V, RL=∞
3
15
ns
VCC=6.0V, RL=∞
2
13
ns
VCC=9.0V, RL=∞
2
10
ns
Turn-ON Time from nE to VOS
tPZH/tPZL
VCC=2.0V, RL=1KΩ
36
125
ns
VCC=4.5V, RL=1KΩ
13
25
ns
VCC=6.0V, RL=1KΩ
10
21
ns
VCC=9.0V, RL=1KΩ
8
16
ns
Turn-OFF Time from nE to VOS
tPHZ/tPLZ
VCC=2.0V, RL=1KΩ
44
190
ns
VCC=4.5V, RL=1KΩ
16
38
ns
VCC=6.0V, RL=1KΩ
13
33
ns
VCC=9.0V, RL=1KΩ
16
26
ns
Sine-Wave Distortion
THD
VCC=4.5V, VIS(P-P)=4V, f=1kHz,
RL=10k
0.04
%
VCC=9V, VIS(P-P)=8V, f=1kHz,
RL=10k 
0.02
%
VCC=4.5V, VIS(P-P)=4V, f=10kHz,
RL=10k 
0.12
%
VCC=9V, VIS(P-P)=8V, f=10kHz,
RL=10k 
0.06
%
Switch OFF Signal Feed-Through
(Note 1)
αOFF
VCC=4.5V, RL=600Ω, f=1MHz
-50
dB
VCC=9V, RL=600Ω, f=1MHz
-50
dB
Crosstalk Between any two Switches
(Note 1)
αCT(S)
VCC=4.5V, RL=600Ω, f=1MHz
-60
dB
VCC=9V, RL=600Ω, f=1MHz
-60
dB
Crosstalk Voltage Between any input to
any Switch (Peak-to-Peak Value)
V(P-P)
VCC=4.5V, RL=600Ω, f=1MHz
110
mV
VCC=9V, RL=600Ω, f=1MHz
220
mV
Minimum Frequency Response(-3dB)
(Note 2)
fMAX
VCC=4.5V, RL=50Ω, CL=10pF
180
MHz
VCC=9V, RL=50Ω, CL=10pF
200
MHz
maximum switch capacitance
CS
8
pF
Note 1. Adjust input voltage VIS is 0dbm level (0dbm=1mW into 600Ω)
2. Adjust input voltage VIS is 0dbm level at VOS for 1MHz (0dbm=1mW into 50Ω)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com