Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35061 Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button M35061 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
16
MITSUBISHI MICROCOMPUTERS
M35061-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
REGISTER CONSTRUCTION COMPOSITION
PHASE2
/
LINEB
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
PHASE1
/
LINEG
PHASE0
/
LINER
NTSC
—
7 /16
27 /16
/16
17 /16
11 /16
23 /16
—
PAL
—
± 7 /16
5 /16
± /16
15 /16
± 11 /16
9 /16
—
Phase (rad)
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Color
PHASE2
/
LINEB
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
PHASE1
/
LINEG
PHASE0
/
LINER
NTSC
—
7 /16
27 /16
/16
—
/16
23 /16
—
PAL
—
± 7 /16
5 /16
± /16
—
± /16
9 /16
—
Phase (rad)
Black
Red-2
Green-2
Yellow
Gray
Yellow-2
Cyan
White
Color
Table 3 Color and phase of NTSC, PAL (SELCOR = 0)
Table 4 Color and phase of NTSC, PAL (SELCOR = 1)
Table 5 Setting condition at LEVEL 0, 1 and 2
At display clock operates
0
1
1
L
At display clock stops
1
0
0
H
LEVEL1
DSPON
DSPONV
CS pin
Table 6 Setting condition at LEVEL 0, 1 and 2 (at operation)
Operation state
1
0
1
Stop state
0
1
0
LEVEL0
LEVEL1
LEVEL2
Fig. 2 Switching port output with R, G and B output
Sync
Pedestal
Color Burst
Black
Red
Green
Yellow
Blue
Mazenta
Cyan
White
Color name
NTSC
—
—
0
—
7 /16 ± 2 /16
27 /16 ± 2 /16
/16 ± 2 /16
17 /16 ± 2 /16
11 /16 ± 2 /16
23 /16 ± 2 /16
—
PAL
—
—
±4 /16
—
± 7 /16 ± 2 /16
5 /16 ± 2 /16
± /16 ± 2 /16
15 /16 ± 2 /16
± 11 /16 ± 2 /16
9 /16 ± 2 /16
—
Phase (rad)
Luminance level (V)
Chroma amplitude (vs. color burst)
Min.
1.3
1.9
1.9
2.1
2.3
2.7
3.1
2.0
2.5
2.9
3.1
Typ.
1.5
2.1
2.1
2.3
2.5
2.9
3.3
2.2
2.7
3.1
3.3
Max.
1.7
2.3
2.3
2.5
2.7
3.1
3.5
2.4
2.9
3.3
3.5
Min.
—
—
—
—
1.5
1.4
1.0
1.0
1.4
1.5
—
Typ.
—
—
1.0
—
3.0
2.8
2.0
2.0
2.8
3.0
—
Max.
—
—
—
—
4.5
4.2
3.0
3.0
4.2
4.5
—
Table 7 Video signal level (SELCOR = 0)
No character display at display clock
R (G, B, YM, BLNK, CSYN)
PTD
Polarity
PTD
PTC
Select
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com