Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35061 Datasheet(PDF) 18 Page - Mitsubishi Electric Semiconductor

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35061 Datasheet(HTML) 18 Page - Mitsubishi Electric Semiconductor

Back Button M35061 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
18
MITSUBISHI MICROCOMPUTERS
M35061-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
For matrix and halftone, a character’s number of dots in the horizontal direction increases to 14.
Figure 4 shows a display example for a case where adjacent characters have different background colors and for character code FF16.
Fig. 4 Number of dots in the horizontal direction at matrix-outline or halftone
2. Border mode
In border mode, characters are displayed with borders. (Refer to
Table 9.) In matrix and halftone modes also, characters are displayed
with borders if the BLK register (address 2B016) is set to 1.
Table 10 lists the types of borders.
Table 10
Bordering
00
1dot in horizontal
direction
2 dots in horizontal
direction
3 dots in horizontal
direction
4 dots in horizontal
direction
1 dot in horizontal
direction
2 dots in horizontal
direction
3 dots in horizontal
direction
4 dots in horizontal
direction
01
10
11
0
1
The zero
dot
SRAND2
(Address 2AF16)
SRAND1, 0
Horizontal direction bordering is only 1 dot. When the character extends to the top line of the matrix, no border is left at the top, and when the
character extends to the bottom (12th) line of the matrix, no border is left at the bottom.
13 dots
12 dots
13 dots
11 dots
14 dots
11 dots
11 dots
Character code FF 16
40 characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com