Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPR20 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UPR20
Description  2.5 Amp Super Fast Recovery Silicon Rectifier 50 to 200 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UPR20 Datasheet(HTML) 1 Page - Micro Commercial Components

  UPR20 Datasheet HTML 1Page - Micro Commercial Components UPR20 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UPR05
THRU
UPR20
2.5 Amp Super Fast
Recovery
Silicon Rectifier
50 to 200 Volts
Features
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
Maximum Ratings
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.5A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
25A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
.975V
IFM = 2.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
50
µA
TJ = 25
°C
TJ = 125
°C
•
Maximum Thermal Resistance; 10
°C/W Junction To Bottom
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UPR05
M/2UA
50 V
35V
50V
UPR10
M/2UB
100V
70V
100V
UPR15
M/2UC
150V
105V
150V
UPR20
M/2UD
200V
140V
200V
www.mccsemi.com
A
E
G
TAB 1 CATHODE
TAB 2 ANODE
DO-216AA
POWERMITE
(
))))
C
D
F
J
K
L
B
H
Maximum Reverse
Recovery Time
Trr
25 ns
IF=0.5A, IR=6.0A,
Irr=0.25A
•
High Power Surface Mount Package
•
Super-Fast Recovery Time
•
Low Forward Voltage Drop
•
Integral Heat Sink/Locking Tabs
•
Compatible with Automatic Insertion Equipment
•
Maximum Thermal Resistance; 30°C/W Junction To Tab
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
2.0
µA
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
DIMENSIONS
A
.143
.153
3.63
3.89
B
.070
.080
1.78
2.03
C
.070
.080
1.78
2.03
D
.087
.097
2.21
2.46
E
.029
.039
0.74
0.99
F
.051
.061
1.30
1.55
G
-----
.026
-----
0.66
H
.035
.045
0.89
1.14
J
.021
.031
0.53
0.79
K
-----
.025
-----
0.64
L
-----
.006
-----
0.15
Remark: M= Date Code
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
NOTE:
package is patental by microsemi corp.
POWERMITE


Similar Part No. - UPR20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPR20 MICROSEMI-UPR20 Datasheet
316Kb / 2P
SURFACE MOUNT UES RECTIFIERS
More results

Similar Description - UPR20

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER1A MCC-ER1A Datasheet
631Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER2A MCC-ER2A Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A MCC-ES1A Datasheet
363Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES2A MCC-ES2A Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE Datasheet
143Kb / 4P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3A MCC-ER3A_11 Datasheet
299Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3AB MCC-ER3AB_11 Datasheet
270Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
SFM11PL MCC-SFM11PL Datasheet
185Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
ER3JB-TP MCC-ER3JB-TP Datasheet
284Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3AB MCC-ER3AB_16 Datasheet
196Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com