Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC377G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC377G-P20-R
Description  OCTAL D-TYPE FLIP-FLOPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC377G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC377G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74AHC377G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74AHC377G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74AHC377G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74AHC377G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74AHC377G-P20-R Datasheet HTML 6Page - Unisonic Technologies U74AHC377G-P20-R Datasheet HTML 7Page - Unisonic Technologies U74AHC377G-P20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC377
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-A48.B
OCTAL D-TYPE FLIP-FLOPS
WITH DATA ENABLE
POSITIVE-EDGE TRIGGER
DESCRIPTION
The U74AHC377 is a high-speed Si-gate CMOS device and
is compatible with low-power Schottky TTL (LSTTL).
The U74AHC377 has eight edge-triggered, D-type flip-flops
with individual D inputs and Q outputs. A common clock input
(CLK) loads all flip-flops simultaneously when the data enable
input ( EN ) is LOW. The state of each D input, one set-up time
before the LOW-to-HIGH clock transition, is transferred to the
corresponding output (Qn) of the flip-flop. The EN input is only
required to be stable one set-up time prior to the LOW-to-HIGH
transition for predictable operation.
FEATURES
* Balanced propagation delays
* All inputs have Schmitt-trigger actions
* Inputs accept voltages higher than Vcc
* Ideal for addressable register applications
* Data enable for address and data synchronization
* Eight positive-edge triggered D-type flip-flops
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC377G-R20-T
SSOP-20
Tube
U74AHC377G-P20-R
TSSOP-20
Tape Reel
MARKING


Similar Part No. - U74AHC377G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC377 UTC-U74AHC377 Datasheet
256Kb / 8P
OCTAL D-TYPE FLIP-FLOPS WITH DATA ENABLE POSITIVE-EDGE TRIGGER
More results

Similar Description - U74AHC377G-P20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
1446753 TI-1446753 Datasheet
592Kb / 16P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
Octal D-Type Flip-Flops With Clear
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com