Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUC1G02G-AE5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AUC1G02G-AE5-R
Description  SINGLE 2-INPUT NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUC1G02G-AE5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AUC1G02G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AUC1G02G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AUC1G02G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AUC1G02G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AUC1G02G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AUC1G02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R126-014.B
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=0.8V
4.6
ns
VCC=1.2±0.1V
0.9
ns
VCC=1.5±0.1V
0.5
ns
VCC=1.8±0.15V
0.4
1
ns
CL=15pF,
RL=2KΩ
VCC=2.5±0.2V
0.2
ns
CL=30pF,
RL=1KΩ
VCC=1.8±0.15V
0.7
1.3
ns
Propagation delay from input
(A or B) to output(Y)
tPLH / tPHL
CL=30pF,
RL=500Ω
VCC=2.5±0.2V
0.5
1.2
ns
OPERATING CHARACTERISTICS (f=10MHz, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=0.8V
15
pF
VCC=1.2V
15
pF
VCC=1.5V
15
pF
VCC=1.8V
15
pF
Power Dissipation
Capacitance
CPD
VCC=2.5V
19
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com