Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUC1G02G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AUC1G02G-AE5-R
Description  SINGLE 2-INPUT NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUC1G02G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AUC1G02G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AUC1G02G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AUC1G02G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AUC1G02G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AUC1G02G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AUC1G02
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R126-014.B
SINGLE 2-INPUT NOR GATE
DESCRIPTION
The U74AUC1G02 is a 2-input NOR gate which provides the
function
Y=A+B or Y=
Β
•
Α
in positive logic.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operate from 0.8V to 2.7V
* Low power dissipation : ICC=10μA (Max.)
* ±8mA Output Driver : VCC=1.8V
* Ioff Supports partial-Power-Down Mode Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AUC1G02G-AE5-R
SOT-23-5
Tape Reel
U74AUC1G02G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AUC1G02G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUC1G00G-AE5-R UTC-U74AUC1G00G-AE5-R Datasheet
189Kb / 5P
SINGLE 2-INPUT NAND GATE
U74AUC1G00G-AL5-R UTC-U74AUC1G00G-AL5-R Datasheet
189Kb / 5P
SINGLE 2-INPUT NAND GATE
U74AUC1G00 UTC-U74AUC1G00_15 Datasheet
189Kb / 5P
SINGLE 2-INPUT NAND GATE
U74AUC1G08 UTC-U74AUC1G08 Datasheet
189Kb / 5P
SINGLE 2-INPUT AND GATE
U74AUC1G08G-AE5-R UTC-U74AUC1G08G-AE5-R Datasheet
189Kb / 5P
SINGLE 2-INPUT AND GATE
More results

Similar Description - U74AUC1G02G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
Single 2-input NOR gate
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
Single 2-input NOR gate
2004 Sep 07
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
SINGLE 2-INPUT NOR GATE
Oct-2002
74V1G02 STMICROELECTRONICS-74V1G02_04 Datasheet
110Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
Single 2-Input NOR Gate
November, 2014 ??Rev. 6
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
Single 2-Input NOR Gate
November, 2018 ??Rev. 10
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
Single 2-input NOR gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
Single 2-Input NOR Gate
March, 2022?뭃ev. 12
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
Single 2-Input NOR Gate
March, 2022 ??Rev. 22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com