Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G126G-AL5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AUP1G126G-AL5-R
Description  SINGLE BUS BUFFER GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G126G-AL5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AUP1G126G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 5Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 6Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74AUP1G126
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R126-024.B
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Leakage Current
II(LEAK)
VCC=0 ~ 3.6V, VIN=GND ~ 3.6V
±0.1
μA
Power OFF Leakage Current
Ioff
VCC=0 V, VIN or VOUT=0 ~ 3.6V
±0.2
μA
Additional Power OFF
Leakage Current
∆Ioff
VCC=0 V~0.2V,
VIN or VOUT=0 ~ 3.6V
±0.2
μA
Quiescent Supply Current
ICC
VCC=0.8 ~3.6V, VIN=VCC or GND,
IOUT=0
0.5
μA
Additional Quiescent Supply
Current Per Input Pin
∆ICC
VCC=3.3 V, VIN =VCC-0.6V, IOUT=0
40
μA
VCC=0V, VIN=VCC or GND
1.5
pF
Input Capacitance
CI
VCC=3.6V, VIN=VCC or GND
1.5
pF
Output Capacitance
COUT
VCC =0V, VOUT=GND
3
pF
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=0.8V
18.1
ns
VCC=1.2±0.1V
4.3
7.4
ns
VCC=1.5±0.1V
3.3
5.2
ns
VCC=1.8±0.15V
2.6
4.1
ns
VCC=2.5±0.2V
2
2.9
ns
CL=5pF,
RL=5KΩ
VCC=3.3±0.3V
1.7
2.4
ns
VCC=0.8V
20.5
ns
VCC=1.2±0.1V
4.6
8.4
ns
VCC=1.5±0.1V
3.5
5.9
ns
VCC=1.8±0.15V
3.9
4.7
ns
VCC=2.5±0.2V
2.3
3.4
ns
CL=10pF,
RL=5KΩ
VCC=3.3±0.3V
2.1
2.8
ns
VCC=0.8V
22.5
ns
VCC=1.2±0.1V
5.8
9.3
ns
VCC=1.5±0.1V
4.4
6.6
ns
VCC=1.8±0.15V
3.5
5.3
ns
VCC=2.5±0.2V
2.7
3.9
ns
CL=15pF,
RL=5KΩ
VCC=3.3±0.3V
2.4
3.2
ns
VCC=0.8V
29
ns
VCC=1.2±0.1V
7.4
12
ns
VCC=1.5±0.1V
5.7
8.6
ns
VCC=1.8±0.15V
4.8
6.9
ns
VCC=2.5±0.2V
3.9
5.1
ns
Propagation delay from
input(A) to output(Y)
tPD
CL=30pF,
RL=5KΩ
VCC=3.3±0.3V
3.5
4.8
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com