Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AUP1G126G-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AUP1G126G-AL5-R
Description  SINGLE BUS BUFFER GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G126G-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AUP1G126G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 5Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 6Page - Unisonic Technologies U74AUP1G126G-AL5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AUP1G126
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R126-024.B
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
DESCRIPTION
The U74AUP1G126 is single bus buffer gate with 3-state output.
The output is disabled When the output enable (OE) is low. When
OE is high, true data is passed from A input to the Y output.
This device ensures a very low static and dynamic power
consumption across the entire VCC range from 0.8V to 3.6V.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Wide supply voltage range from 0.8V to 3.6V
* Inputs accept voltages up to 3.6V
* IOFF supports partial-power-down mode
* Low static power consumption; ICC=0.5μA (Max.)
* Optimized for 3.3V Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AUP1G126G-AE5-R
SOT-23-5
Tape Reel
U74AUP1G126G-AL5-R
SOT-353
Tape Reel
U74AUP1G126G-K06-1010-R
DFN-6(1.0×1.0)
Tape Reel
MARKING
SOT-23-5 / SOT-353
DFN-6(1.0×1.0)


Similar Part No. - U74AUP1G126G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
U74AUP1G14G-AE5-R UTC-U74AUP1G14G-AE5-R Datasheet
157Kb / 5P
LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
U74AUP1G14G-AE5-R UTC-U74AUP1G14G-AE5-R Datasheet
186Kb / 6P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G14G-AL5-R UTC-U74AUP1G14G-AL5-R Datasheet
157Kb / 5P
LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
U74AUP1G14G-AL5-R UTC-U74AUP1G14G-AL5-R Datasheet
186Kb / 6P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
More results

Similar Description - U74AUP1G126G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74F125 TI-SN74F125_07 Datasheet
354Kb / 11P
QUADRUPLE BUS BUFFER GATE
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74LVC2G126 UTC-U74LVC2G126_15 Datasheet
209Kb / 6P
DUAL BUS BUFFER GATE
U74LVC125A UTC-U74LVC125A_15 Datasheet
231Kb / 5P
QUADRUPLE BUS BUFFER GATE
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
SINGLE BUS BUFFER GATE
U74AUC1G126 UTC-U74AUC1G126_15 Datasheet
220Kb / 5P
SINGLE BUS BUFFER GATE
U74AHCT1G125 UTC-U74AHCT1G125_V01 Datasheet
189Kb / 6P
SINGLE BUS BUFFER GATE
U74LVC125A UTC-U74LVC125A_V01 Datasheet
246Kb / 5P
QUADRUPLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com