Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC1G06G-AE5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC1G06G-AE5-R
Description  SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC1G06G-AE5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC1G06G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74HC1G06G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74HC1G06G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74HC1G06G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74HC1G06G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HC1G06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-884.A
SWITCHING CHARACTERISTICS (TA=25°C)
See Fig. 1 and Fig. 2 for test circuit and waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output transition time
tTHL
VCC=2.0V
30
75
ns
VCC=4.5V
8
15
VCC=6.0V
7
13
Propagation delay from input
(A ) to output(Y)
tPLZ.
VCC=2.0V,
CL=50pF, RL=1kΩ
10
90
ns
VCC=4.5V
7
18
VCC=6.0V
6
15
Propagation delay from input
(A) to output(Y)
tPZL
VCC=2.0V
CL=50pF, RL=1kΩ
17
90
ns
VCC=4.5V
7
18
VCC=6.0V
5
15
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC=5.0V, CL=50pF,f =1MHz
4.0
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com