Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC1G06G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC1G06G-AE5-R
Description  SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC1G06G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC1G06G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74HC1G06G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74HC1G06G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74HC1G06G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74HC1G06G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC1G06
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-884.A
SINGLE INVERTER WITH
OPEN-DRAIN OUTPUTS
DESCRIPTION
The U74HC1G06 is a single inverting buffer with open-drain
outputs and it provides the function Y= A in positive logic.
For digital operation the outputs of this device must have a pull-up
resistor to establish a logic HIGH-level.
FEATURES
* Wide supply voltage range from 2V to 6V
* High noise immunity
* Low power dissipation; ICC=1μA (Max.)
* Typical tPD=6ns at VCC=6V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free Plating
Halogen Free
U74HC1G06L-AE5-R
U74HC1G06G-AE5-R
SOT-23-5
Tape Reel
U74HC1G06L-AL5-R
U74HC1G06G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74HC1G06G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC1G06G-AE5-R UTC-U74HC1G06G-AE5-R Datasheet
179Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - U74HC1G06G-AE5-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_07 Datasheet
78Kb / 6P
Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06 Datasheet
173Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_11 Datasheet
119Kb / 6P
Single Inverter with Open Drain Output
May, 2011 ??Rev. 15
logo
Diodes Incorporated
74AUP1G06 DIODES-74AUP1G06 Datasheet
236Kb / 11P
SINGLE INVERTER WITH OPEN DRAIN OUTPUT
Rev 1
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06_15 Datasheet
188Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_18 Datasheet
205Kb / 14P
Single Inverter with Open Drain Output
November, 2018 ??Rev. 16
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06_V01 Datasheet
200Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_V01 Datasheet
136Kb / 14P
Single Inverter with Open Drain Output
April, 2022 ??Rev. 18
NL17SZ06 ONSEMI-NL17SZ06_V01 Datasheet
170Kb / 13P
Single Inverter with Open Drain Output
March, 2020 - Rev. 12
logo
Diodes Incorporated
74LVC1G06Q DIODES-74LVC1G06Q Datasheet
523Kb / 9P
SINGLE INVERTER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com