Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC377G-S20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC377G-S20-R
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC377G-S20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC377G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74HC377G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74HC377G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74HC377G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74HC377G-S20-R Datasheet HTML 5Page - Unisonic Technologies U74HC377G-S20-R Datasheet HTML 6Page - Unisonic Technologies U74HC377G-S20-R Datasheet HTML 7Page - Unisonic Technologies U74HC377G-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC377
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A49.A
OCTAL D-TYPE FLIP-FLOPS
WITH CLOCK ENABLE
DESCRIPTION
The device is positive-edge-triggered octal D-type flip-flops
with an enable input.
Information at the data (D) inputs meeting the setup time
requirements is transferred to the Q outputs on the positive-going
edge of the clock (CLK) pulse, if EN is low. Clock triggering
occurs at a particular voltage level and is not directly related to
the transition time of the positive-going pulse. When CLK is at
either the high or low level, the D input has no effect at the output.
These devices are designed to prevent false clocking by
transitions at EN .
FEATURES
* Wide Operating Voltage Range of 2V to 6V
* Outputs Can Drive Up To 10 LSTTL Loads
* Low Power Consumption, ICC=8μA (Max.)
* Typical tPD=12ns
* ±4mA Output Drive at 5V
* Low Input Current of 1μA Max.
* Eight Flip-Flops With Single-Rail Outputs
* Clock Enable Latched to Avoid False Clocking
* Applications Include
- Buffer/Storage Registers
- Shift Registers
- Pattern Generators
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC377L-S20-T
U74HC377G-S20-T
SOP-20
Tube
U74HC377L-S20-R
U74HC377G-S20-R
SOP-20
Tape Reel
U74HC377L-P20-T
U74HC377G-P20-T
TSSOP-20
Tube
U74HC377L-P20-R
U74HC377G-P20-R
TSSOP-20
Tape Reel


Similar Part No. - U74HC377G-S20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC377G-S20-R UTC-U74HC377G-S20-R Datasheet
254Kb / 8P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
More results

Similar Description - U74HC377G-S20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT377 TI-SN54ABT377 Datasheet
464Kb / 14P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HC377 TI-SN54HC377 Datasheet
425Kb / 13P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HCT377 TI-SN54HCT377 Datasheet
273Kb / 9P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
logo
Hitachi Semiconductor
HD74HC377 HITACHI-HD74HC377 Datasheet
58Kb / 9P
Octal D-type Flip-Flops (with Enable)
logo
Texas Instruments
SN54HC377 TI-SN54HC377 Datasheet
221Kb / 6P
OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HC377 TI-SN54HC377_06 Datasheet
419Kb / 14P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HCT377 TI-SN54HCT377_08 Datasheet
446Kb / 11P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
logo
Renesas Technology Corp
HD74HC377 RENESAS-HD74HC377 Datasheet
99Kb / 7P
Octal D-type Flip-Flops (with Enable)
logo
Unisonic Technologies
U74HC377 UTC-U74HC377 Datasheet
254Kb / 8P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
logo
Texas Instruments
SN54ABT377 TI1-SN54ABT377_16 Datasheet
1Mb / 22P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com