Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT640G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT640G-P20-R
Description  OCTAL BUS TRANSCEIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT640G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT640G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HCT640G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HCT640G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HCT640G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HCT640G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74HCT640G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HCT640
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-684.B
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from A to B or B to A
tPD
VCC=4.5V, CL=50pF, RL=1kΩ
14
21
ns
VCC=5.5V, CL=50pF, RL=1kΩ
12
18
Enable times from OE to A or B
tEN
VCC=4.5V, CL=50pF, RL=1kΩ
27
35
ns
VCC=5.5V, CL=50pF, RL=1kΩ
24
32
Disable times from OE to A or B
tDIS
VCC=4.5V, CL=50pF, RL=1kΩ
20
30
ns
VCC=5.5V, CL=50pF, RL=1kΩ
18
26
Output rise or fall time
tT
VCC=4.5V, CL=50pF, RL=1kΩ
9
12
ns
VCC=5.5V, CL=50pF, RL=1kΩ
8
11
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from A to B or B to A
tPD
VCC=4.5V, CL=150pF, RL=1kΩ
17
27
ns
VCC=5.5V, CL=150pF, RL=1kΩ
15
24
Enable times from OE to A or B
tEN
VCC=4.5V, CL=150pF, RL=1kΩ
31
45
ns
VCC=5.5V, CL=150pF, RL=1kΩ
28
41
Output rise or fall time
tT
VCC=4.5V, CL=150pF, RL=1kΩ
17
42
ns
VCC=5.5V, CL=150pF, RL=1kΩ
14
38
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power dissipation capacitance
CPD
No load
40
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com