Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT640G-P20-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74HCT640G-P20-R
Description  OCTAL BUS TRANSCEIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT640G-P20-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74HCT640G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HCT640G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HCT640G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HCT640G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HCT640G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74HCT640G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
U74HCT640
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-684.B
TEST CIRCUIT AND WAVEFORMS(Cont.)
VM
VM
VM
VM
VIN
0V
VOH
VOL
Voltage Waveforms
Propagation Delay and Output Transition Times
Input
Output
tPLH
tPHL
tPLH
tPHL
VOH
VOL
Output
V
M
VM
10%
90%
tR
10%
90%
tF
10%
90%
tF
10%
90%
tR
V
M
V
M
V
M
VIN
0
V
VOH
Input
Output
tPZH
tPHZ
tPLZ
tPZL
VLOAD
VOL
Output
V
M
S1 at GND
S1 at VLOAD
Voltage Waveforms Enable and Disable Times
0V
VOL+VΔ
VOH+VΔ
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤1MHz, ZO = 50Ω,
tR=6ns, tF=6ns.
3. tPLH and tPHL are the same as tPD .
4. tPLZ and tPHZ are the same as tDIS .
5. tPZH and tPZL are the same as tEN .
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com