Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LV00G-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LV00G-P14-R
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV00G-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LV00G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LV00G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LV00G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LV00G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LV00G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LV00
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-960 A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7
V
Input Voltage range(see note 2)
VIN
-0.5 ~ 7
V
Voltage range applied to any output in the
high-impedance or power-off state(see note 2)
VO
-0.5 ~ 7
V
Output Voltage range(see note 2 and 3)
VO
-0.5 ~ VCC+0.5
V
Continuous current through VCC or GND
ICC
±50
mA
Input Clamp Current (VIN<0)
IIK
-20
mA
Output Clamp Current (VOUT<0 or VOUT>VCC)
IOK
-50
mA
Continuous output current
IO
±25
mA
Storage temperature ranges
TSTG
-65 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output negative-voltage ratings may be exceeded if the output current ratings are observed.
3. The value is limited to 5.5V maximum.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
113
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
2
5.5
V
High-Level Input Voltage
VIH
VCC=2V
1.5
V
VCC=2.3V to 2.7V
VCC×0.7
VCC=3V to 3.6V
VCC×0.7
VCC=4.5V to 5.5V
VCC×0.7
Low-Level Input Voltage
VIL
VCC=2V
0.5
V
VCC=2.3V to 2.7V
VCC×0.3
VCC=3V to 3.6V
VCC×0.3
VCC=4.5V to 5.5V
VCC×0.3
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input transition rise or fall time
∆t/∆v
VCC=2.3V to 2.7V
200
ns/V
VCC=3V to 3.6V
100
VCC=4.5V to 5.5V
20
Operating free-air Temperature
TA
-40
85
°C
Note: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com