Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LV00G-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LV00G-P14-R
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV00G-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LV00G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LV00G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LV00G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LV00G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LV00G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LV00
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-960 A
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level Output Voltage
VOH
VCC=2V to 5.5V, IOH=-50μA
VCC-0.
1
V
VCC=2.3V , IOH=-2mA
2
VCC=3V, IOH=-6mA
2.48
VCC=4.5V, IOH=-12mA
3.8
Low-Level Output Voltage
VOL
VCC=2V to 5.5V, IOH=50μA
0.1
V
VCC=2.3V, IOH=2mA
0.4
VCC=3V, IOH=6mA
0.44
VCC=4.5V, IOH=12mA
0.55
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=0 to 5.5V
±1
μA
Quiescent Supply Current
IQ
VIN=VCC or GND, IOUT=0, VCC=5.5V
20
μA
Power OFF Leakage Current
Ioff
VIN or VOUT=0 to 5.5V
5
μA
Input Capacitance
CIN
VIN=VCC or GND, VCC=3.3V
3.3
pF
VIN=VCC or GND, VCC=5V
3.3
SWITCHING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay From Input
(nA or nB) To Output(nY)
tPD
VCC=2.5±0.2V
CL=15pF
7.1
12.9
Ns
CL=50pF
9.6
16.6
Ns
VCC=3.3V±0.3V
CL=15pF
5
7.9
Ns
CL=50pF
6.9
11.4
VCC=5±0.5V
CL=15pF
3.6
5.5
Ns
CL=50pF
4.9
7.5
NOISE CHARACTERISTICS (TA=25°C, VCC=3.3V,CL=50pF)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Quiet Output, Maximum Dynamic VOL
VOL(P)
0.2
0.8
V
Quiet Output, Minimum Dynamic VOL
VOL(V)
-0.1
-0.8
V
Quiet Output, Minimum Dynamic VOH
VOH(V)
3.1
V
High-Lelel Dynamic Input Voltage
VIH(D)
2.31
V
Low-Level Dynamic Input Voltage
VIL(D)
0.99
V
Note: Characteristics are for surface-mount packages only.
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Power Dissipation Capacitance
CPD
VCC=3.3V
CL=50pF, f=10MHz
9.5
pF
VCC=5V
11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com