Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFCS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RFCS
Description  Thin Film Surface Mounted RF Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RFCS Datasheet(HTML) 3 Page - Vishay Siliconix

  RFCS_15 Datasheet HTML 1Page - Vishay Siliconix RFCS_15 Datasheet HTML 2Page - Vishay Siliconix RFCS_15 Datasheet HTML 3Page - Vishay Siliconix RFCS_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RFCS
www.vishay.com
Vishay Electro-Films
Revision: 27-May-13
3
Document Number: 61090
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CUSTOM DESIGNED CAPACITORS
Vishay EFI will custom design and measure additional values and form factors upon request.
Typical capacitance density is limited to:
 200 pF/mm2
TYPICAL COMPONENT PERFORMANCE
GLOBAL PART NUMBER INFORMATION
Global Part Number: RFCS04021000BKTT1
Global Part Number Description: RFCS 0402 10 pF 10 % e1 T1
MODEL
SIZE
CAPACITANCE
(pF)
INDUCTANCE
MULTIPLIER
CODE
TOLERANCE
CODE
TERMINATION
PACKAGING
CODE
RFCS
0402
First 4 digits
are significant
figures of
capacitance
D = 0.0001
C = 0.001
B = 0.01
J = 5 %
K = 10 %
M = 20 %
L = 25 %
B = ± 0.1 pF
S = SnPb
T = Lead
(Pb)-free (e1)
G = Gold
WAFFLE
WS = 100 min., 1 mult
TAPE AND REEL
T1 = 1000 min., 1000 mult
Self Resonance vs. Value
Two electrode geometries are used to cover the value range. For this reason the above plot exhibits discontinuity.
Quality Factor vs. Frequency
100
1
0.1
Capacitance (pF)
10
110
100 000
1
0.1
Frequency (GHz)
10
110
100
1000
10 000
0.2 pF
1 pF
2.7 pF
10 pF
27 pF
R
1
4
T
0
1
C
2
B
K
0
S
0
T
0
F
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com