Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFCS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RFCS
Description  Thin Film Surface Mounted RF Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RFCS Datasheet(HTML) 1 Page - Vishay Siliconix

  RFCS_15 Datasheet HTML 1Page - Vishay Siliconix RFCS_15 Datasheet HTML 2Page - Vishay Siliconix RFCS_15 Datasheet HTML 3Page - Vishay Siliconix RFCS_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RFCS
www.vishay.com
Vishay Electro-Films
Revision: 27-May-13
1
Document Number: 61090
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Surface Mounted RF Capacitor
Product may not be to scale
RFCS series of thin film capacitors on silicon are designed
for RF circuits that require exceptional performance at
frequencies up to 20 GHz. The unique structure of the RFCS
capacitors is based on thin-film electrodes deposited on a
highly conductive silicon substrate. This unique structure is
characterized by low parasitic inductance allowing the
capacitors
to
maintain
their
performance
to
higher
frequencies than other technologies.
The RFCS replaces the HPC product line.
Additional values and form factors available upon request.
FEATURES
• Industries highest SRF
• Low DCR, high Q
• Small size: 0.040" x 0.020" x 0.015"
• S parameter files available upon request
• High frequency up to 20 GHz
• Surface mount
• Case size: 0402
• Material categorization:
For definitions
of
compliance please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
APPLICATIONS
• Lumped element filters
• Impedance matching circuits
• Decoupling and DC blocking
• Smart cards
• Other high Q RF circuitry
Note
(1) ± 0.1 pF for values < 2 pF
Notes
(2) Custom values available upon request. See custom design section below
(3) According to AEC-Q200 method 002. Contact factory for more details
Available
Available
Available
Available
WV (DC) VALUES AND TOLERANCES
CAPACITOR MODEL
RCFS
UNIT
Case Size
0402
Capacitance Values
0.2 to 27
pF
Tolerance (1)
± 5
%
DC Working Voltage
50
V
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Capacitance Range (2)
0.2 to 27
pF
Maximum Working Voltage
Up to 50
V
Operating Temperature
- 55 to + 125
°C
Storage Temperature
- 55 to + 125
°C
Temperature Coefficient
± 100
ppm/°C
ESD Classification (3)
Value dependant, up to class 2


Similar Part No. - RFCS_15

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
RFCS-6015 BK KGS-RFCS-6015 BK Datasheet
364Kb / 1P
Releasable snap-mount, flat cable clamp
RFCS-6015BK KGS-RFCS-6015BK Datasheet
364Kb / 1P
Releasable snap-mount, flat cable clamp
More results

Similar Description - RFCS_15

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CC5100J CALMIRCO-CC5100J Datasheet
76Kb / 1P
THIN FILM MNOS CAPACITOR SERIES
logo
Taiyo Yuden (U.S.A.), I...
PAS2126FR2R5504 TAIYO-YUDEN-PAS2126FR2R5504 Datasheet
65Kb / 3P
THIN FILM TYPE PAS CAPACITOR
logo
AVX Corporation
04023J0R2PBWTR AVX-04023J0R2PBWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J0R3PBSTR AVX-04023J0R3PBSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J0R5PBSTR AVX-04023J0R5PBSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J0R9PBWTR AVX-04023J0R9PBWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J1R8ABSTR AVX-04023J1R8ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J2R2BBWTR AVX-04023J2R2BBWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
logo
Vishay Siliconix
RFCS VISHAY-RFCS Datasheet
88Kb / 4P
Thin Film Surface Mounted RF Capacitor
05-Aug-16
logo
Kyocera Kinseki Corpota...
ACCU-P KSS-ACCU-P Datasheet
1Mb / 25P
Thin-Film RF/Microwave Capacitor Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com