Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD301
Description  SURFACE MOUNT SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD301 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD301_13 Datasheet HTML 1Page - Pan Jit International Inc. MMBD301_13 Datasheet HTML 2Page - Pan Jit International Inc. MMBD301_13 Datasheet HTML 3Page - Pan Jit International Inc. MMBD301_13 Datasheet HTML 4Page - Pan Jit International Inc. MMBD301_13 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
REV.0.1-MAR.3.2009
MMBD301/MMBD452
Fig.14
SINGLE
Fig.17
SERIES
SURFACE MOUNT SCHOTTKY DIODE
VOLTAGE
30 Volts
200mWatts
MECHANICALDATA
• Case: SOT-23 plastic case.
• Terminals : Solderable per MIL-STD-750,Method 2026
• Standard packaging: 8mm tape
• Weight: approximately 0.0084gram
POWER
ABSOLUTE RATINGS AND THERMAL CHARACTERISTICS
NOTE:
1. FR-4 Board = 70 X 60 X 1mm.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
1
0
3
D
B
M
M
2
5
4
D
B
M
M
s
ti
n
U
e
d
o
C
g
n
i
k
r
a
M
-
1
0
3
2
5
4
-
e
g
a
tl
o
V
e
s
r
e
v
e
R
m
u
m
ix
a
M
V
R
0
3
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
V
M
R
R
0
3
V
t
n
e
rr
u
C
d
r
a
w
r
o
F
m
u
m
ix
a
M
I
F
2
.
0
A
)
1
e
t
o
N
(
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
P
T
O
T
0
0
2
W
m
)
1
e
t
o
N
(
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
T
R
A
J
Θ
6
5
5
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
T
J
5
2
1
+
o
t
5
5
-
O
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
5
-
O
C
e
r
u
g
i
F
ti
u
c
ri
C
-
E
L
G
N
I
S
S
E
I
R
E
S
-
FEATURES
• Low Capacitance : 1.5pF(Max)at V
R=15V
• Very Low V
F : 0.36V (Typ) at IF = 1mA
• Extremely Fast Switching Speed
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Similar Part No. - MMBD301_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBD301 MCC-MMBD301_14 Datasheet
214Kb / 3P
30 Volts Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
MMBD301 BILIN-MMBD301_17 Datasheet
113Kb / 2P
Schottky Barrier Diodes
More results

Similar Description - MMBD301_13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
CMWSH-4 CENTRAL-CMWSH-4 Datasheet
114Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
logo
Pan Jit International I...
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Comchip Technology
BAS54 COMCHIP-BAS54 Datasheet
63Kb / 2P
Surface Mount Schottky Diode
logo
Pan Jit International I...
RB551V30 PANJIT-RB551V30 Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD330W PANJIT-MMBD330W Datasheet
58Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
PJRB461F PANJIT-PJRB461F Datasheet
89Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
RB551V-30 PANJIT-RB551V-30 Datasheet
156Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB501V-40 UTC-RB501V-40 Datasheet
131Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Shanghai Leiditech Elec...
1SS357 LEIDITECH-1SS357 Datasheet
435Kb / 2P
Surface mount schottky diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com