Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G74G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G74G-S08-R
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G74G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G74G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74LVC1G74
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-989.B
STATIC CHARACTERISTICS
(All typical values are at VCC=3.3V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
VCC=1.65V to 5.5V, IOH=-100μA
VCC-0.1
V
VCC=1.65V, IOH=-4mA
1.2
VCC=2.3V, IOH=-8mA
1.9
VCC=3V
IOH=-16mA
2.4
IOH=-24mA
2.3
VCC=4.5V, IOH=-32mA
3.8
Low-Level Output Voltage
VOL
VCC=1.65V to 5.5V, IOL=100uA
0.1
V
VCC=1.65V, IOL=4mA
0.45
VCC=2.3V, IOL=8mA
0.3
VCC=3V
IOL=16mA
0.4
IOL=24mA
0.55
VCC=4.5V, IOH=32mA
0.55
Input Leakage Current
II(LEAK)
VCC =0V ~ 5.5V, VIN=5.5V or GND
±5
μA
Power OFF Leakage Current
Ioff
VCC =0V, VIN or VOUT=5.5V
±10
μA
Quiescent Supply Current
IQ
VCC = 1.65V to 5.5V,
VIN= 5.5V or GND IOUT=0
10
μA
Additional Quiescent Supply
Current Per Input Pin
∆IQ
VCC=3V to 5.5V,
One input at VCC-0.6V,
Other inputs at VCC or GND
500
μA
Input Capacitance
CIN
VCC =3.3V, VIN=VCC or GND
5
pF
TIMING REQUIREMENTS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock frequency
fclock
VCC=1.8V
80
MHz
VCC=2.5V
175
MHz
VCC=3.3V
175
MHz
VCC=5.0V
200
MHz
Pulse duration
tw
VCC=1.8V
CLK
6.2
ns
PRE or CLR Low
6.2
ns
VCC=2.5V
CLK
2.7
ns
PRE or CLR Low
2.7
ns
VCC=3.3V
CLK
2.7
ns
PRE or CLR Low
2.7
ns
VCC=5.0V
PRE or CLR Low
2
ns
2
ns
Setup time before CLK↑
from Data to
PRE or CLR
inactive
tsu
VCC=1.8V
CLK
2.9
ns
PRE or CLR Low
1.9
VCC=2.5V
CLK
1.7
ns
PRE or CLR Low
1.4
VCC=3.3V
CLK
1.3
ns
PRE or CLR Low
1.2
ns
VCC=5.0V
CLK
1.1
ns
PRE or CLR Low
1.0
ns
Hold time, data after CLK↑
th
VCC=1.8V
0
ns
VCC=2.5V
0.3
ns
VCC=3.3V
1.2
ns
VCC=5.0V
0.5
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com