Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G74G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G74G-S08-R
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G74G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G74G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G74
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-989.B
SINGLE
POSITIVE-EDGE-TRIGGERED
D-TYPE FLIP-FLOP WITH
CLEAR AND PRESET
DESCRIPTION
This single positive-edge-triggered D-type flip-flop is designed for
1.65V to 5.5V VCC operation.
A low level at the preset(
PRE ) or clear (CLR ) input sets or
resets the outputs, regardless of the levels of the other inputs .when
PRE and CLR are inactive(high),data at the data (D) input meeting
the setup time requirements is transferred to the outputs on the
positive-going edge of the clock pulse. Clock triggering occurs at a
voltage level and is not related directly to the rise time of the clock
pulse. Following the hold-time interval, data at the D input can be
changed without affecting the levels at the outputs.
The device is fully specified for partial-power-down applications
using Ioff. The Ioff circuitry disables the outputs, preventing damaging
current backflow through the device when it is powered down.
FEATURES
* Supports 5-V VCC operation
* Inputs accept voltages to 5.5V
* Max tpd of 5.9ns at 3.3V
* Typical VOLP<0.8V at VCC=3.3V, TA=25°C
* Typical VOHV>2V at VCC=3.3V, TA=25°C
* Low Power Consumption, ICC=10μA (Max.)
* Ioff Supports Live Insertion, Partial Power Down Mode, and Back
Drive Protection
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC1G74G-S08-R
SOP-8
Tape Reel


Similar Part No. - U74LVC1G74G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G74G-S08-R UTC-U74LVC1G74G-S08-R Datasheet
185Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - U74LVC1G74G-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
2001-Jul
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
Single Positive Edge-triggered D-type Flip Flop
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com