Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G07G-AL6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC2G07G-AL6-R
Description  BUFFERS WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G07G-AL6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC2G07G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G07G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G07G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G07G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G07G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U74LVC2G07
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-402.A
TEST CIRCUIT AND WAVEFORMS
Note 1: CL includes probe and jig capacitance.
VCC
VIN
tR / tF
VM
VLOAD
CL
RL
Vx
1.8V±0.15V
VCC
≤2ns
VCC/2
2* VCC
30pF
1KΩ
VOL + 0.15V
2.5V±0.2V
VCC
≤2ns
VCC/2
2* VCC
30pF
500Ω
VOL + 0.15V
2.7V
2.7V
≤2.5ns
1.5V
6V
50pF
500Ω
VOL + 0.3V
3.3V±0.3V
3 V
≤2.5ns
1.5V
6V
50pF
500Ω
VOL + 0.3V
5V±0.5V
VCC
≤2.5ns
VCC/2
2* VCC
50pF
500Ω
VOL + 0.3V
Note: VΔ= Vx - VoL
nY Output
nA Input
tPLZ
tPZL
GND
VOL
VM
VI
VM
Vx
Vcc
VM
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com