Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G07G-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G07G-AL6-R
Description  BUFFERS WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G07G-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G07G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G07G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G07G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G07G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G07G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G07
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-402.A
BUFFERS WITH OPEN-DRAIN
OUTPUTS
DESCRIPTION
The U74LVC2G07 provides two non-inverting buffers with
open-drain output and can be connected to other open-drain
outputs to implement active-LOW wired-OR or active-HIGH
wired-AND functions.
This device has power-down protective circuit to preventing
device from destruction when it is powered down.
FEATURES
* Wide Supply Voltage Range From 1.65V To 5.5V.
* Inputs Can Be Driven From Either 3.3V or 5V Devices.
* Low Power Dissipation: Ptot =300mW(Max)
* -24mA Output Drive(VCC=3.0V)
* Power Down Protection
* Latch-Up Performance Exceeds 250mA.
* High Noise Immunity
* Direct Interface With TTL Levels
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC2G07G-AL6-R
SOT-363
Tape Reel
MARKING


Similar Part No. - U74LVC2G07G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G07G-AL6-R UTC-U74LVC2G07G-AL6-R Datasheet
194Kb / 5P
BUFFERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - U74LVC2G07G-AL6-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
Buffers with open-drain outputs
2004 Sep 08
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07 Datasheet
194Kb / 5P
BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 1
74AUP2G07 DIODES-74AUP2G07 Datasheet
443Kb / 12P
DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 4.2
logo
NXP Semiconductors
74LVC2G07GM PHILIPS-74LVC2G07GM Datasheet
200Kb / 18P
Buffers with open-drain outputs
Rev. 7-4 July 2012
logo
Nexperia B.V. All right...
74LVC2G07-Q100 NEXPERIA-74LVC2G07-Q100 Datasheet
779Kb / 13P
Buffers with open-drain outputs
74LVC2G07 NEXPERIA-74LVC2G07 Datasheet
257Kb / 17P
Buffers with open-drain outputs
Rev. 12 - 24 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com