Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC07AG-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC07AG-P14-R
Description  HEX BUFFERS WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC07AG-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC07AG-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC07AG-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC07AG-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC07AG-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC07AG-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC07A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R126-010.A
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level Input Voltage
VIH
VCC=1.65V ~ 1.95V
0.65×VCC
V
VCC=2.3V ~ 2.7V
1.7
V
VCC=2.7V ~ 3.6V
2
V
VCC=4.5V ~ 5.5V
0.7×VCC
V
Low-level Input Voltage
VIL
VCC=1.65V ~ 1.95V
0.35×VCC
V
VCC=2.3V ~ 2.7V
0.7
V
VCC=2.7V ~ 3.6V
0.8
V
VCC=4.5V ~ 5.5V
0.3×VCC
V
Low-Level Output Voltage
VOL
VCC=1.65 ~ 5.5V, IOL=100μA
0.2
V
VCC=1.65V, IOL=4mA
0.45
V
VCC=2.3V, IOL=12mA
0.7
V
VCC=2.7V, IOL=12mA
0.4
V
VCC=3.0V, IOL=24mA
0.55
V
VCC=4.5V, IOL=32mA
0.55
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=3.6V
±5
μA
Power OFF Leakage Current
Ioff
VIN or VOUT=5.5V, VCC=0V
±10
μA
Quiescent Supply Current
ICC
VIN= VCC or GND, IOUT=0
VCC=3.6V
10
μA
Additional Quiescent Supply
Current Per Input Pin
∆ICC
VCC=2.7 ~ 3.6V, IOUT=0
One input at VCC-0.6V, Other
inputs at VCC or GND
500
μA
Input Capacitance
CI
VIN= VCC or GND, VCC=3.3V
5
pF
SWITCHING CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(nA) to output(nY)
tPLZ
tPZL
VCC=1.8±0.15V,CL=30pF, RL=1KΩ
1
5.6
ns
VCC=2.5±0.2V,CL=30pF, RL=500Ω
1
3.4
ns
VCC=2.7V,CL=50pF, RL=500Ω
3.3
ns
VCC=3.3±0.3V,CL=50pF, RL=500Ω
1
3.6
ns
VCC=5±0.5V,CL=50pF, RL=500Ω
1
2.6
ns
OPERATING CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Per Inverter
CPD
VCC=1.8±0.15V, f=10MHZ
1.8
pF
VCC=2.5±0.2V, f=10MHZ
2.0
pF
VCC=3.3±0.3V, f=10MHZ
2.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com