Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC07AG-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC07AG-P14-R
Description  HEX BUFFERS WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC07AG-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC07AG-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC07AG-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC07AG-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC07AG-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC07AG-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC07A
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R126-010.A
HEX BUFFERS WITH
OPEN-DRAIN OUTPUTS
DESCRIPTION
The U74LVC07A contain six independent
buffers with open
drain outputs. The outputs are open-drain and can be connected to
other open-drain outputs to implement active-LOW wired-OR or
active-HIGH wired-AND functions
Inputs can be driven from 1.8V, 2.5V, 3.3V, or 5V devices. This
feature allows the use of these devices as translators in a
mixed-system environment.
FEATURES
* Operate from 1.65V to 5.5V
* Inputs and open-drain outputs accept voltages to 5.5V
* Direct interface with TTL levels
* Ioff supports partial-power-down mode
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC07AG-S14-R
SOP-14
Tape Reel
U74LVC07AG-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74LVC07AG-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC00A UTC-U74LVC00A Datasheet
175Kb / 5P
QUAD 2-INPUT NAND GATE
U74LVC00AG-P14-R UTC-U74LVC00AG-P14-R Datasheet
175Kb / 5P
QUAD 2-INPUT NAND GATE
U74LVC00AG-P14-R UTC-U74LVC00AG-P14-R Datasheet
214Kb / 5P
QUAD 2-INPUT NAND GATE
U74LVC00AG-S14-R UTC-U74LVC00AG-S14-R Datasheet
214Kb / 5P
QUAD 2-INPUT NAND GATE
U74LVC00A UTC-U74LVC00A_15 Datasheet
214Kb / 5P
QUAD 2-INPUT NAND GATE
More results

Similar Description - U74LVC07AG-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 1
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
Hex Buffers / Drivers with Open Drain Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com