Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC34AG-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC34AG-P14-R
Description  HEX BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC34AG-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC34AG-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC34AG-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC34AG-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC34AG-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC34AG-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC34A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-411.C
STATIC CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Supply Current
IQ
VCC=1.65~5.5V,
VIN=5.5V or GND, IOUT=0
1
µA
Additional Quiescent Supply
Current
Δ IQ
One input at VCC-0.6V, other inputs at
VCC or GND, VCC=3~5.5V
500
µA
Input Capacitance
CIN
VCC=3.3V, VIN= VCC or GND
3.5
pF
DYNAMIC CHARACTERISTICS (TA=25°С, Input: tR=tF=6ns, unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from
Input(nA or nB) to Output(Y)
tPLH / tPHL
VCC=1.8±0.15V
CL=15pF, RL=1MΩ
2
9.9
ns
VCC=2.5±0.2V
1.5
6
VCC=3.3±0.3V
1
3.5
VCC=5±0.5V
1
2.9
VCC=1.8±0.15V
CL=15pF
RL=1kΩ
3.2
8.6
ns
VCC=2.5±0.2V
RL=500Ω
1.5
4.4
VCC=3.3±0.3V
CL=15pF, RL=500Ω
1.5
4.1
VCC=5±0.5V
1
3.2
OPERATING CHARACTERISTICS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC=1.8V
f=10MHz
16
pF
VCC=2.5V
16
VCC=3.3V
16
VCC=5V
18



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com