Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC34AG-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC34AG-P14-R
Description  HEX BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC34AG-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC34AG-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC34AG-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC34AG-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC34AG-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC34AG-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U74LVC34A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-411.C
TEST CIRCUIT AND WAVEFORMS
From Output
RL
VLOAD
GND
Open
S
TEST
tPLH/tPHL
tPHZ/tPZH
tPLZ/tPZL
S
Open
GND
VLOAD
CL
RL
(Note)
Note : CL includes probe and jig capacitance.
VCC
VIN
tR, tF
VM
VLOAD
CL
RL
VΔ
1.8V±0.15V
VCC
≤2ns
VCC/2
2*VCC
15pF
1MΩ
0.15V
30pF
1KΩ
2.5V±0.2V
VCC
≤2ns
VCC/2
2*VCC
15pF
1MΩ
0.15V
30pF
500Ω
3.3V±0.3V
3V
≤2.5ns
1.5V
6V
15pF
1MΩ
0.3V
50pF
500Ω
5V±0.5V
VCC
≤2.5ns
VCC/2
2*VCC
15pF
1MΩ
0.3V
50pF
500Ω
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com