Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC563G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC563G-P20-R
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC563G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC563G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC563G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC563G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC563G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC563G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74LVC563G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC563
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-681.A
OCTAL TRANSPARENT D-TYPE
LATCHES WITH 3-STATE OUTPUTS
DESCRIPTION
The U74LVC563 is a octal transparent D-TYPE latches with 3-state
outputs. When the latch-enable (LE) is high, the Q outputs follow the
complements of the D inputs. When LE is low, the Q outputs are latched at
the inverses of the levels set up at the D inputs.
When the output-enable ( OE ) input is high, the Q outputs are in a
high-impedance state, and the outputs neither load nor drive the bus lines.
The high-impedance state and increased drive provide the capability to drive
bus lines without interface or pull-up components. While the outputs are in
the high-impedance state, old data can be retained or new data can be
entered, i.e. OE does not affect the internal operations of the latches. When
OE is low, the Q outputs are in a normal logic state (high or low levels).
The U74LVC563 is designed for 1.65V to 3.6V operation. Inputs can be
driven from either 3.3V or 5V devices, so the U74LVC563 can be used in a
mixed 3.3V/5V system environment.
To ensure the high-impedance state during power up or power down,
OE
should be tied to VCC through a pull-up resistor; the minimum value of
the resistor is determined by the current-sinking capability of the driver.
FEATURES
* Wide supply voltage range from 1.65V to 3.6V
* Max tPD of 6.8 ns from D to Q at 3.3V
* Max tPD of 7.6 ns from LE to Q at 3.3V
* Up to 5.5V inputs accept voltages
* Low power consumption, ICC = 10μA (Max.) at 3.6V
* ±24mA output driver at 3V
* IOFF supports partial-power-down mode operation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC563L-P20-R
U74LVC563G-P20-R
TSSOP-20
Tape Reel
U74LVC563L-P20-T
U74LVC563G-P20-T
TSSOP-20
Tube


Similar Part No. - U74LVC563G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC563 UTC-U74LVC563 Datasheet
224Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74LVC563L-P20-R UTC-U74LVC563L-P20-R Datasheet
224Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74LVC563L-P20-T UTC-U74LVC563L-P20-T Datasheet
224Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - U74LVC563G-P20-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com