Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4021BG-S16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UCD4021BG-S16-R
Description  CMOS 8-STAGE STATIC SHIFT REGISTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4021BG-S16-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UCD4021BG-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 5Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 6Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 7Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 8Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 9Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UCD4021B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R502-889.b
TEST CIRCUIT AND WAVEFORMS
INPUTS
VM
VLOAD
CL
RL
VIN
tr, tf
VCC
20 ns
VCC/2
VCC
50 pF
200 KΩ
VCC
0V
Input
10%
90%
tr
10%
90%
tf
TEST
S1
tPLH/tPHL
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com