Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4021BG-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCD4021BG-S16-R
Description  CMOS 8-STAGE STATIC SHIFT REGISTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4021BG-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCD4021BG-S16-R Datasheet HTML 1Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 5Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 6Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 7Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 8Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCD4021B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-889.b
CMOS 8-STAGE STATIC
SHIFT REGISTERS
DESCRIPTION
The UCD4021B is a 8-stage synchronous parallel or serial
input/serial
output
registers
having
common
CLOCK
and
PARALLEL/SERIAL CONTROL inputs, a SERIAL data input, and
individual parallel inputs to each register stage. Each register is a
D-type, master-slave flip-flop. Q6, Q7, and Q8 are outputs. In
UCD4021B
serial entry is synchronous with the clock but parallel
entry is asynchronous.
In UCD4021B serial entry is controlled by the PARALLEL/SERIAL
CONTROL input. When the PARALLEL/SERIAL CONTROL input is
low, data is serially shifted into the 8-stage register synchronously with
the positive transition of the clock line. When the PARALLEL/SERIAL
CONTROL input is high, asynchronous parallel entry is made and the
CLOCK input of the internal stage is isolated.
FEATURES
* Up to 20V operation voltage
* 12MHz (Typ.) clock rate at 10V
* Maximum input current of 1μA at 18V
* Fully static operation
* 8 master-slave flip-flops plus output buffering and control gating
APPLICATIONS
* General-purpose register
* Parallel input/serial output data queueing
* Parallel to serial data conversion
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCD4021BL-S16-R
UCD4021BG-S16-R
SOP-16
Tape Reel
UCD4021BL-S16-T
UCD4021BG-S16-T
SOP-16
Tube
UCD4021BL-P16-R
UCD4021BG-P16-R
TSSOP-16
Tape Reel
UCD4021BL-P16-T
UCD4021BG-P16-T
TSSOP-16
Tube


Similar Part No. - UCD4021BG-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4021BG-S16-R UTC-UCD4021BG-S16-R Datasheet
235Kb / 10P
CMOS 8-STAGE STATIC SHIFT REGISTERS
More results

Similar Description - UCD4021BG-S16-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
logo
Intersil Corporation
CD4014BMS INTERSIL-CD4014BMS Datasheet
93Kb / 9P
CMOS 8-Stage Static Shift Registers
December 1992
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
CMOS 8-Stage Static Shift Registers
logo
Unisonic Technologies
CD4014B UTC-CD4014B Datasheet
216Kb / 9P
CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021BEE4 TI-CD4021BEE4 Datasheet
1Mb / 29P
CMOS 8-Stage Statice Shift Registers
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B Datasheet
207Kb / 8P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B Datasheet
235Kb / 10P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014B UTC-UCD4014B_15 Datasheet
207Kb / 8P
CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4014B TI1-CD4014B_15 Datasheet
1Mb / 28P
CMOS 8-stage Static Shift Registers
logo
Renesas Technology Corp
CD4014BMS RENESAS-CD4014BMS Datasheet
372Kb / 9P
CMOS 8-Stage Static Shift Registers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com