Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4060BG-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCD4060BG-S16-R
Description  CMOS 14-Stage Ripple-Carry Binary Counter/Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4060BG-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCD4060BG-S16-R Datasheet HTML 1Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 5Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 6Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 7Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 8Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UCD4060B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-866.b
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TPY
MAX
UNIT
Quiescent Supply Current
ICC
VIN=0, 5V, VDD=5V
0.04
5
μA
VIN=0, 10V, VDD=10V
0.04
10
VIN=0, 15V, VDD=15V
0.04
20
VIN=0, 20V, VDD=20V
0.08
100
Output Low (Sink) Current
IOL
VOUT=0.4V, VIN=0, 5V, VDD=5V
0.51
1
mA
VOUT=0.5V, VIN=0, 10V, VDD=10V
1.3
2.6
VOUT=1.5V, VIN=0, 15V, VDD=15V
3.4
6.8
Output High (Source) Current
IOH
VOUT=4.6V, VIN=0, 5V, VDD=5V
-0.51
-1
mA
VOUT=2.5V, VIN=0, 5V, VDD=5V
-1.6
-3.2
VOUT=9.5V, VIN=0, 10V, VDD=10V
-1.3
-2.6
VOUT=13.5V, VIN=0, 15V, VDD=15V
-3.4
-6.8
Output Voltage: Low-Level
VOL
VIN= 0, 5V, VDD=5V
0
0.05
V
VIN= 0, 10V, VDD=10V
0
0.05
VIN= 0, 15V, VDD=15V
0
0.05
Output Voltage: High-Level
VOH
VIN= 0, 5V, VDD=5V
4.95
5
V
VIN= 0, 10V, VDD=10V
9.95
10
VIN= 0, 15V, VDD=15V
14.95
15
Input Low Voltage
VIL
VOUT=0.5, 4.5V, VDD=5V
1.5
V
VOUT=1, 9V, VDD=10V
3
VOUT=1.5, 13.5V, VDD=15V
4
Input High Voltage
VIH
VOUT=0.5, 4.5V, VDD=5V
3.5
V
VOUT=1, 9V, VDD=10V
7
VOUT=1.5, 13.5V, VDD=15V
11
Input Leakage Current
II(LEAK)
VIN=0, 18V, VDD=18V
±10
-5
±0.1
μA
SWITCHING CHARACTERISTICS (TA =25°C, Input tr / tf =20ns, CL =50pF, RL = 200kΩ)
PARAMETER
SYMBOL
CONDITIONS
MIN
TPY
MAX
UNIT
CLOCKED OPERATION
Propagation Delay Time,
ФI to Q4
tPLH / tPHL
VDD=5V
370
740
ns
VDD=10V
150
300
VDD=15V
100
200
Propagation Delay Time,
Qn to Qn+1
tPLH / tPHL
VDD=5V
100
200
ns
VDD=10V
50
100
VDD=15V
40
80
Transition Time
tTHL/ tTLH
VDD=5V
100
200
ns
VDD=10V
50
100
VDD=15V
40
80
Maximum Input-Pulse
Frequency
f ФI
VDD=5V
3.5
7
MHz
VDD=10V
8
16
VDD=15V
12
24
Minimum Input-Pulse Width
tW
VDD=5V
50
100
ns
VDD=10V
20
40
VDD=15
15
30
Input-Pulse Rise and Fall Time
tr Ф/ tf Ф
VDD=5V
Unlimited
VDD=10V
VDD=15V
Average Input Capacitance
CI
Any Input
5
7.5
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com