Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4060BG-S16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UCD4060BG-S16-R
Description  CMOS 14-Stage Ripple-Carry Binary Counter/Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4060BG-S16-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UCD4060BG-S16-R Datasheet HTML 1Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 5Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 6Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 7Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 8Page - Unisonic Technologies UCD4060BG-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UCD4060B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-866.b
TEST CIRCUIT AND WAVEFORMS(Cont.)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
I
CL
500uF
VDD
CL
PULSE
GENERATOR
Fig. 4 Dynamic Power Dissipation Test Circuit
12
RESET
9
10
11
CX
RS
RX
Fig. 5 Typical RC Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com