Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4002BG-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCD4002BG-S14-R
Description  CMOS NOR Gates High-Voltage Types
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4002BG-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCD4002BG-S14-R Datasheet HTML 1Page - Unisonic Technologies UCD4002BG-S14-R Datasheet HTML 2Page - Unisonic Technologies UCD4002BG-S14-R Datasheet HTML 3Page - Unisonic Technologies UCD4002BG-S14-R Datasheet HTML 4Page - Unisonic Technologies UCD4002BG-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCD4002B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-873.b
CMOS NOR Gates
High-Voltage Types
DESCRIPTION
UCD4002B
NOR gate provides the system designer with direct
implementation of the NOR function and supplements the existing
family of CMOS gates.All inputs and outputs are buffered.
FEATURES
* Propagation delay time=60ns at CL=50pF,VDD=10V
* Buffered inputs and outputs
* Maximum input current of 1μA at 18V
* standardized symmetrical output characteristics
* 100% tested for maximum quiescent current at 20V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCD4002BL-S14-T
UCD4002BG-S14-T
SOP-14
Tube
UCD4002BL-S14-R
UCD4002BG-S14-R
SOP-14
Tape Reel
UCD4002BL-P14-T
UCD4002BG-P14-T
TSSOP-14
Tube
UCD4002BL-P14-R
UCD4002BG-P14-R
TSSOP-14
Tape Reel


Similar Part No. - UCD4002BG-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4002BG-S14-R UTC-UCD4002BG-S14-R Datasheet
164Kb / 5P
CMOS NOR Gates High-Voltage Types
More results

Similar Description - UCD4002BG-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4001B TI-CD4001B Datasheet
206Kb / 5P
CMOS NOR Gates
logo
Microsemi Corporation
TSC306 MICROSEMI-TSC306 Datasheet
672Kb / 2P
NOR Gates
logo
List of Unclassifed Man...
SP314 ETC-SP314 Datasheet
157Kb / 3P
NOR GATES
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
CMOS NOR Gates
CD4001B TI-CD4001B_12 Datasheet
952Kb / 19P
CMOS NOR Gates
CD4001BME4 TI-CD4001BME4 Datasheet
952Kb / 19P
CMOS NOR Gates
logo
Unisonic Technologies
UCD4002B UTC-UCD4002B Datasheet
164Kb / 5P
CMOS NOR Gates High-Voltage Types
logo
Texas Instruments
CD4001B TI1-CD4001B_15 Datasheet
1Mb / 18P
CMOS NOR Gates
CD4089B TI-CD4089B_V01 Datasheet
1Mb / 19P
CMOS Binary Rate Multiplier High-Voltage Types
July 2003
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com