Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575-3.3BWM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # LM2575-3.3BWM
Description  52kHz Simple 1A Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-3.3BWM Datasheet(HTML) 8 Page - Micrel Semiconductor

  LM2575-3.3BWM Datasheet HTML 1Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 2Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 3Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 4Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 5Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 6Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 7Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 8Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
M9999-042205
8
April 2005
LM2575
Micrel, Inc.
Package Information
0.020
(0.508)
0.018±0.003
(0.457±0.076)
PIN 1
0.780
(19.812)
.250±0.005
(6.350±0.127)
0.025±0.015
(0.635±0.381)
0.100±0.010
(2.540±0.254)
MAX
0.030-0.110
(0.762-2.794)
RAD
0.125
(3.175)
MIN
0.020
(0.508)
MIN
0.130±0.005
(3.302±0.127)
+0.025
–0.015
+0.635
–0.381
0.325
8.255
()
0.009-0.015
(0.229-0.381)
0°-10°
0.290-0.320
(7.336-8.128)
0.040
(1.016)
TYP
16-Pin DIP (N)
0.022 (0.559)
0.018 (0.457)
5°
TYP
0.408 (10.363)
0.404 (10.262)
0.609 (15.469)
0.605 (15.367)
0.103 (2.616)
0.099 (2.515)
SEATING
PLANE
0.027 (0.686)
0.031 (0.787)
0.016 (0.046)
TYP
0.301 (7.645)
0.297 (7.544)
0.094 (2.388)
0.090 (2.286)
0.297 (7.544)
0.293 (7.442)
10° TYP
0.032 (0.813) TYP
0.330 (8.382)
0.326 (8.280)
7°
TYP
0.015
(0.381)
MIN
0.015
(0.381)
0.050 (1.270)
TYP
R
PIN 1
DIMENSIONS:
INCHES (MM)
24-Pin Wide SOP (WM)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com