Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575-3.3BWM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # LM2575-3.3BWM
Description  52kHz Simple 1A Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-3.3BWM Datasheet(HTML) 4 Page - Micrel Semiconductor

  LM2575-3.3BWM Datasheet HTML 1Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 2Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 3Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 4Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 5Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 6Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 7Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 8Page - Micrel Semiconductor LM2575-3.3BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M9999-042205
4
April 2005
LM2575
Micrel, Inc.
Electrical Characteristics (continued)
LM2575
Units
Symbol
Parameter
Conditions
Typ
Limit
(Limits)
(Note 2)
DEVICE PARAMETERS, ADJUSTABLE REGULATOR
I
B
Feedback Bias Current
V
OUT = 5V
50
100/500
nA
DEVICE PARAMETERS, FIXED and ADJUSTABLE REGULATORS
f
O
Oscillator Frequency
52
kHz
47/42
kHz (min)
58/63
kHz (max)
V
SAT
Saturation Voltage
I
OUT = 1A (Note 4)
0.9
V
1.2/1.4
V(max)
DC
Max Duty Cycle (ON)
(Note 5)
98
%
93
%(min)
I
CL
Current Limit
Peak Current, t
ON ≤ 3µs (Note 4)
2.2
A
1.7/1.3
A(min)
3.0/3.2
A(max)
I
L
Output Leakage Current
V
IN = 40V, (Note 6),
Output = 0V
2
mA(max)
Output = –1V
7.5
mA
(Note 6)
Output = –1V
30
mA(max)
I
Q
Quiescent Current
(Note 6)
5
mA
10
mA(max)
I
STBY
Standby Quiescent
ON/OFF Pin = 5V (OFF)
50
µA
Current
200
µA(max)
θJA
Thermal Resistance
T Package, Junction to Ambient (Note 7)
65
°C/W
θJA
T Package, Junction to Ambient (Note 8)
45
θJC
T Package, Junction to Case
2
θJA
N Package, Junction to Ambient (Note 9)
85
θJA
WM Package, Junction to Amb. (Note 9)
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com