Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2026 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2026
Description  Dual-Channel Power Distribution Switch Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2026 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2026 Datasheet HTML 8Page - Micrel Semiconductor MIC2026 Datasheet HTML 9Page - Micrel Semiconductor MIC2026 Datasheet HTML 10Page - Micrel Semiconductor MIC2026 Datasheet HTML 11Page - Micrel Semiconductor MIC2026 Datasheet HTML 12Page - Micrel Semiconductor MIC2026 Datasheet HTML 13Page - Micrel Semiconductor MIC2026 Datasheet HTML 14Page - Micrel Semiconductor MIC2026 Datasheet HTML 15Page - Micrel Semiconductor MIC2026 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
March 2000
13
MIC2026/2076
MIC2026/2076
Micrel
ENA
OUTA
FLGA
IN
FLGB
GND
ENB
OUTB
ON/OFF
OVERCURRENT
OVERCURRENT
ON/OFF
MIC2026-2
3.3V USB Controller
VCC
5.0V
0.1µF
VBUS
D+
D–
GND
Data
(Two Pair)
VBUS
D+
D–
GND
USB
Port 2
USB
Port 1
10k
MIC5207-3.3
IN
OUT
GND
47µF
47µF
Ferrite
Beads
4.50V to 5.25V
Upstream VBUS
100mA max.
VBUS
D+
D–
GND
Data
1µF
1µF
10k
VIN
to USB
Controller
Figure 5. USB Two-Port Host Application
ENA
OUTA
FLGA
IN
FLGB
GND
ENB
OUTB
ON/OFF
OVERCURRENT
OVERCURRENT
ON/OFF
MIC2026-2
3.3V USB Controller
0.1µF
VBUS
D+
D–
GND
Data
(Two Pair)
VBUS
D+
D–
GND
USB
Port 2
USB
Port 1
10k
MIC5207-3.3
IN
OUT
GND
47µF
47µF
Ferrite
Beads
4.50V to 5.25V
Upstream VBUS
VBUS
D+
D–
GND
Data
1µF
1µF
10k
VIN
to USB
Controller
1.5k 2%
Figure 6. USB Two-Port Bus-Powered Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com