Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6400 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6400
Description  30V N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6400 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6400 Datasheet HTML 1Page - Pan Jit International Inc. PJS6400 Datasheet HTML 2Page - Pan Jit International Inc. PJS6400 Datasheet HTML 3Page - Pan Jit International Inc. PJS6400 Datasheet HTML 4Page - Pan Jit International Inc. PJS6400 Datasheet HTML 5Page - Pan Jit International Inc. PJS6400 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJS6400
December 31,2014-REV.03
Page 1
30V N-Channel Enhancement Mode MOSFET
Voltage
30 V
Current
6.4A
SOT-23 6L-1
Unit : inch(mm)
Features
RDS(ON) , VGS@10V, ID@6.4A<37m
Ω
RDS(ON) , VGS@4.5V, ID@4.5A<43m
Ω
RDS(ON) , VGS@2.5V, ID@2.9A<59m
Ω
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc
Lead free in compliance with EU RoHS 2011/65/EU
directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 6L-1 Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0005 ounces, 0.014 grams
Marking: S00
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
+12
V
Continuous Drain Current
ID
6.4
A
Pulsed Drain Current
IDM
25.6
A
Power Dissipation
Ta=25
oC
PD
2
W
Derate above 25
oC
16
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
62.5
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6400

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6400 PANJIT-PJS6400 Datasheet
377Kb / 6P
30V N-Channel Enhancement Mode MOSFET
January 20,2022
PJS6400_S1_00001 PANJIT-PJS6400_S1_00001 Datasheet
377Kb / 6P
30V N-Channel Enhancement Mode MOSFET
January 20,2022
PJS6400_S2_00001 PANJIT-PJS6400_S2_00001 Datasheet
377Kb / 6P
30V N-Channel Enhancement Mode MOSFET
January 20,2022
PJS6400 PANJIT-PJS6400_V01 Datasheet
377Kb / 6P
30V N-Channel Enhancement Mode MOSFET
January 20,2022
More results

Similar Description - PJS6400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com