Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2182 Datasheet HTML 1Page - Micrel Semiconductor MIC2182 Datasheet HTML 2Page - Micrel Semiconductor MIC2182 Datasheet HTML 3Page - Micrel Semiconductor MIC2182 Datasheet HTML 4Page - Micrel Semiconductor MIC2182 Datasheet HTML 5Page - Micrel Semiconductor MIC2182 Datasheet HTML 6Page - Micrel Semiconductor MIC2182 Datasheet HTML 7Page - Micrel Semiconductor MIC2182 Datasheet HTML 8Page - Micrel Semiconductor MIC2182 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MIC2182
Micrel
MIC2182
2
June 2000
Ordering Information
Part Number
Voltage
Temperature Range
Package
MIC2182BM
Adjustable
–40
°C to +85°C
16-pin narrow SOP
MIC2182-3.3BM
3.3V
–40
°C to +85°C
16-pin narrow SOP
MIC2182-5.0BM
5.0V
–40
°C to +85°C
16-pin narrow SOP
MIC2182BSM
Adjustable
–40
°C to +85°C
16-pin narrow SSOP
MIC2182-3.3BSM
3.3V
–40
°C to +85°C
16-pin narrow SSOP
MIC2182-5.0BSM
5.0V
–40
°C to +85°C
16-pin narrow SSOP
Pin Configuration
1
2
3
4
16
15
14
13
HSD
VSW
BST
LSD
SS
PWM
COMP
SGND
MIC2182
5
6
7
8
12
11
10
9
PGND
VDD
VIN
VOUT
SYNC
EN/UVLO
FB
CSH
Adjustable
16-pin SOP (M)
16-Pin SSOP (SM)
1
2
3
4
16
15
14
13
HSD
VSW
BST
LSD
SS
PWM
COMP
SGND
MIC2182-x.x
5
6
7
8
12
11
10
9
PGND
VDD
VIN
VOUT
SYNC
EN/UVLO
VREF
CSH
Fixed
16-pin SOP (M)
16-Pin SSOP (SM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com