Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet (PDF) - Micrel Semiconductor

MIC2182 Datasheet PDF - Micrel Semiconductor
Part # MIC2182
Download  MIC2182 Download
File Size   223.27 Kbytes
Page   28 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Efficiency Synchronous Buck Controller Final Information

MIC2182 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2182 Datasheet PDF - Micrel Semiconductor

Part # MIC2182
Download  MIC2182 Click to download

File Size   223.27 Kbytes
Page   28 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Efficiency Synchronous Buck Controller Final Information

MIC2182 Datasheet (HTML) - Micrel Semiconductor


MIC2182 Product details

General Description

Micrel’s MIC2182 is a synchronous buck (step-down) switch ing regulator controller. An all N-channel synchronous archi tecture and powerful output drivers allow up to a 20A output current capabilty. The PWM and skip-mode control scheme allows efficiency to exceed 95% over a wide range of load current, making it ideal for battery powered applications, as well as high current distributed power supplies.



Features

• 4.5V to 32V Input voltage range

• 1.25V to 6V Output voltage range

• 95% efficiency

• 300kHz oscillator frequency

• Current sense blanking

• 5Ωimpedance MOSFET Drivers

• Drives N-channel MOSFETs

• 600µA typical quiescent current (skip-mode)

• Logic controlled micropower shutdown (IQ< 0.1µA)

• Current-mode control

• Cycle-by-cycle current limiting

• Built-in undervoltage protection

• Adjustable undervoltage lockout

• Easily synchronizable

• Precision 1.245V reference output

• 0.6% total regulation

• 16-pin SOP and SSOP packages

• Frequency foldback overcurrent protection

• Sustained short-circuit protection at any input voltage

• 20A output current capability




Similar Part No. - MIC2182

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
High-Efficiency Synchronous Buck Controller
09/14/21
logo
Micrel Semiconductor
MIC2182-3.3BM MICREL-MIC2182-3.3BM Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
MIC2182-3.3BSM MICREL-MIC2182-3.3BSM Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
MIC2182-3.3YM MICREL-MIC2182-3.3YM Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182-3.3YM MICROCHIP-MIC2182-3.3YM Datasheet
2Mb / 40P
High-Efficiency Synchronous Buck Controller
09/14/21
More results


Similar Description - MIC2182

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
Low Voltage Synchronous Buck PWM Control IC Final Information
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
High Efficiency, Synchronous Current Mode Buck Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
High-Efficiency Synchronous Buck Controller
09/14/21
logo
Richtek Technology Corp...
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com