Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1386G-X-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SB1386G-X-AB3-R
Description  LOW FREQUENCY PNP TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1386G-X-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SB1386G-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SB1386G-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SB1386G-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SB1386G-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies 2SB1386G-X-AB3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SB1386
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R208-019.D
LOW FREQUENCY PNP
TRANSISTOR
FEATURES
* Excellent DC current gain characteristics
* Low VCE(SAT)
VCE(SAT)= -0.35V (Typ)
(IC/IB = -4A/-0.1A)
ORDERING INFORMATION
Order Number
Package
Pin Assignment
Packing
1
2
3
2SB1386G-x-AB3-R
SOT-89
B
C
E
Tape Reel
Note: Pin Assignment: B: Base C: Collector E: Emitter
MARKING


Similar Part No. - 2SB1386G-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB1386G-X-AB3-R UTC-2SB1386G-X-AB3-R Datasheet
178Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
More results

Similar Description - 2SB1386G-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1132 TSC-TSB1132 Datasheet
44Kb / 3P
Low Frequency PNP Transistor
TSB1386 TSC-TSB1386 Datasheet
116Kb / 4P
Low Frequency PNP Transistor
logo
Unisonic Technologies
2SB1386 UTC-2SB1386 Datasheet
200Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
2SB1198 UTC-2SB1198 Datasheet
119Kb / 3P
LOW FREQUENCY PNP TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SB1386 SECOS-2SB1386 Datasheet
112Kb / 3P
PNP Silicon Low Frequency Transistor
logo
Taiwan Semiconductor Co...
TSB1386 TSC-TSB1386_1 Datasheet
319Kb / 4P
Low Frequency PNP Transistor
logo
Unisonic Technologies
2SB1198 UTC-2SB1198_11 Datasheet
249Kb / 4P
LOW FREQUENCY PNP TRANSISTOR
2SB1386 UTC-2SB1386_10 Datasheet
178Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
logo
Guilin Strong Micro-Ele...
GM807 GSME-GM807 Datasheet
228Kb / 2P
PNP Low Frequency Amplifier Transistor
GMA1505 GSME-GMA1505 Datasheet
207Kb / 2P
PNP Low Frequency Amplifier Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com