Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6832 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6832
Description  30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6832 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6832 Datasheet HTML 1Page - Pan Jit International Inc. PJS6832 Datasheet HTML 2Page - Pan Jit International Inc. PJS6832 Datasheet HTML 3Page - Pan Jit International Inc. PJS6832 Datasheet HTML 4Page - Pan Jit International Inc. PJS6832 Datasheet HTML 5Page - Pan Jit International Inc. PJS6832 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJS6832
January 22,2015-REV.02
Page 1
30V N-Channel Enhancement Mode MOSFET
– ESD Protected
Voltage
30 V
Current
1.6A
SOT-23 6L
Unit: inch(mm)
Features
RDS(ON) , VGS@4,5V, ID@1.6A<200m
Ω
RDS(ON) , VGS@2.5V, ID@1.1A<270m
Ω
RDS(ON) , VGS@1.8V, ID@0.2A<570m
Ω
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc.
ESD Protected 2KV HBM
Lead free in compliance with EU RoHS 2011/65/EU directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 6L Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0005 ounces, 0.0141 grams
Marking: SG2
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
+8
V
Continuous Drain Current
ID
1.6
A
Pulsed Drain Current
(Note 4)
IDM
6.4
A
Power Dissipation
Ta=25
oC
PD
1.25
W
Derate above 25
oC
10
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
100
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6832

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6832 PANJIT-PJS6832 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6832_S1_00001 PANJIT-PJS6832_S1_00001 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6832_S2_00001 PANJIT-PJS6832_S2_00001 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6832 PANJIT-PJS6832_V01 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
More results

Similar Description - PJS6832

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJ2306 PANJIT-PJ2306 Datasheet
209Kb / 5P
30V N-Channel Enhancement Mode MOSFET - ESD Protected
PJ2306 PANJIT-PJ2306_15 Datasheet
339Kb / 7P
30V N-Channel Enhancement Mode MOSFET-ESD Protected
PJA3422 PANJIT-PJA3422 Datasheet
319Kb / 6P
30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJA3432 PANJIT-PJA3432 Datasheet
299Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8404 PANJIT-PJE8404 Datasheet
323Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7812 PANJIT-PJT7812 Datasheet
332Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7412 PANJIT-PJC7412 Datasheet
346Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8804 PANJIT-PJX8804 Datasheet
326Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8812 PANJIT-PJX8812 Datasheet
331Kb / 6P
30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJC7400B PANJIT-PJC7400B Datasheet
540Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com