Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU406G-X-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BU406G-X-TQ2-R
Description  SILICON NPN SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU406G-X-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BU406G-X-TQ2-R Datasheet HTML 1Page - Unisonic Technologies BU406G-X-TQ2-R Datasheet HTML 2Page - Unisonic Technologies BU406G-X-TQ2-R Datasheet HTML 3Page - Unisonic Technologies BU406G-X-TQ2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BU406
NPN PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-021.F
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage (IE=0)
VCBO
400
V
Collector-Emitter Voltage (VBE=-1.5V)
VCEV
400
V
Collector-Emitter Voltage (IB=0)
VCEO
200
V
Emitter-Base Voltage (IC=0)
VEBO
6
V
Collector Current
IC
7
A
Collector Peak Current (repetitive)
ICM
10
A
Collector Peak Current (tp=10ms)
ICM
15
A
Base Current
IB
4
A
Collector Dissipation (TC≤25°C)
TO-220/TO-263
PC
60
W
TO-220F/TO-220F1
27
TO-3P
65
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance, Junction to Case
TO-220/TO-263
θJC
2.08
°C/W
TO-220F/TO-220F1
4.63
TO-3P
1.92
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collect Cutoff Current (VBE=0)
ICES
VCE=400V
5
mA
VCE=250V, TC=150°C
100
μA
VCE=250V
1
mA
Emitter Cut-off Current (IC=0)
IEBO
VBE=6V
1
mA
Collector-Emitter Saturation Voltage
VCE(SAT)* IC=5A, IB=0.5A
1
V
Base-Emitter Saturation Voltage
VBE(SAT)* IC=5A, IB=0.5A
1.2
V
DC Current Gain
hFE
VCE=10V, IC=500mA
70
240
Transition Frequency
fT
IC=500mA, VCE=10V
10
MHz
Turn-off Time
tOFF
IC=5A, IB=0.5A
0.75
μs
Second Breakdown Collector Current
Is/b
VCE=40V, t=10ms
4
A
Note: Pulse duration=300μs, duty cycle 1.5%.
CLASSIFICATION OF hFE
RANK
A
B
RANGE
70 ~ 120
110 ~ 240



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com