Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU406G-X-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BU406G-X-TQ2-R
Description  SILICON NPN SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU406G-X-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BU406G-X-TQ2-R Datasheet HTML 1Page - Unisonic Technologies BU406G-X-TQ2-R Datasheet HTML 2Page - Unisonic Technologies BU406G-X-TQ2-R Datasheet HTML 3Page - Unisonic Technologies BU406G-X-TQ2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BU406
NPN PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R203-021.F
TYPICAL CHARACTERISTICS
10
0.1
Collector-Base Voltage, VCE (V)
1
100
10
1
IC Max. (Pulsed)
IC Max. (Continuous)
60
0
Case Temperature, TC (°C)
30
150
75
0
80
70
50
40
20
10
25
50
100 125
175 200
Power Derating
Safe Operating Area
TO-220
10000
1000
10
Collector Current, IC (mA)
100
1000
10000
100
10
0
IC = 10IB
VBE(SAT)
VCE(SAT)
1000
100
1
Collector-Base Voltage, VCB (V)
10
100
10
1
f = 1MHz
Collector Output Capacitance
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com