Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5088G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBT5088G-AE3-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT5088G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBT5088G-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 5Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 6Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMBT5088/MMBT5089
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,Ltd
3 of 7
www.unisonic.com.tw
QW-R206-033.C
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS MIN TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
(Note)
MMBT5088
BVCEO
IC=1.0mA, IB=0
30
V
MMBT5089
25
V
Collector-Base Breakdown Voltage
MMBT5088
BVCBO
IC=100A, IE=0
35
V
MMBT5089
30
V
Collector Cut-Off Current
MMBT5088
ICBO
VCB=20V, IE=0
50
nA
MMBT5089
VCB=15V, IE=0
50
nA
Emitter Cutoff Current
IEBO
VEB=3.0V, IC=0
50
nA
VEB=4.5V, IC=0
100
nA
ON CHARACTERISTICS
DC Current Gain
MMBT5088
hFE
VCE=5.0V, IC=100A
300
900
MMBT5089
400
1200
MMBT5088
VCE=5.0V, IC=1.0mA
350
MMBT5089
450
MMBT5088
VCE=5.0V,
IC=10mA(Note)
300
MMBT5089
400
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=10mA, IB=1.0mA
0.5
V
Base-Emitter On Voltage
VBE(ON)
IC=10mA, VCE=5.0V
0.8
V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
VCE=5.0mA,
IC=500A, f=20MHz
50
MHz
Collector-Base Capacitance
CCB
VCB=5.0V, IE=0,
f=100kHz
4
pF
Emitter-Base Capacitance
CEB
VEB=0.5V, IC=0,
f=100kHz
10
pF
Small-Signal Current Gain
MMBT5088
hFE
VCE=5.0V, IC=1.0mA,
f=1.0kHz
350
1400
MMBT5089
450
1800
Noise Figure
MMBT5088
NF
VCE=5.0V, IC=100A,
RS=10k,
f=10kHz ~ 15.7kHz
3.0
dB
MMBT5089
2.0
dB
Note: Pulse Test: Pulse Width
300s, Duty Cycle2.0%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com