Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5088G-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMBT5088G-AE3-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT5088G-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MMBT5088G-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 5Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 6Page - Unisonic Technologies MMBT5088G-AE3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMBT5088/MMBT5089
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,Ltd
4 of 7
www.unisonic.com.tw
QW-R206-033.C
TYPICAL CHARACTERISTICS
Typical Pulsed Current Gain
vs Collector Current
1200
1000
800
600
400
200
0
0.01 0.03 0.1 0.31310 30 100
Collector Current, IC (mA)
VCE=5.0V
Collector-Emitter Saturation
Voltage vs. Collector Current
0.3
0.25
0.2
0.15
0.1
0.05
0.1
110
100
Collector Current, IC (mA)
β=10
125 C
C
25
C
-40
C
25
C
-40
125 C
Collector-Cutoff Current
vs Ambient Temperature
10
1
25
75
125
150
VCB=45V
-0.1
50
100
Ambient Temperature, TA (℃)
Input and Output Capacitance vs
Reverse Bias Voltage
5
1
08
16
20
f=1.0MHz
0
412
4
3
2
Cte
Cob
Reverse Bias Voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com