Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4680
Description  1A 200kHz SuperSwitcher??Buck Regulator Final Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4680 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4680 Datasheet HTML 8Page - Micrel Semiconductor MIC4680 Datasheet HTML 9Page - Micrel Semiconductor MIC4680 Datasheet HTML 10Page - Micrel Semiconductor MIC4680 Datasheet HTML 11Page - Micrel Semiconductor MIC4680 Datasheet HTML 12Page - Micrel Semiconductor MIC4680 Datasheet HTML 13Page - Micrel Semiconductor MIC4680 Datasheet HTML 14Page - Micrel Semiconductor MIC4680 Datasheet HTML 15Page - Micrel Semiconductor MIC4680 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
June 2000
13
MIC4680
MIC4680
Micrel
Printed Circuit Board Layouts
Figure 6b. Top-Side Silk Screen
Figure 6c. Top-Side Copper
Figure 6d. Bottom-Side Silk Screen
Figure 6e. Bottom-Side Copper
Abbreviated Bill of Material (Critical Components)
Reference
Part Number
Manufacturer
Description
Qty
C1
TPSD156M035R0300
AVX1
15
µF 35V
1
ECE-A1HFS470
Panasonic2
47
µF 50V, 8mm × 11.5mm
C4
TPSD227M010R0150
AVX
220
µF 10V
1
D1
B260A
Vishay-Diodes, Inc.3
Schottky
1
SS26
General Semiconductor
L1
UP2B-680
Coiltronics4
68
µH, 1.5A, nonshielded
1
CDH115-680MC
Sumida5
68
µH, 1.5A, nonshielded
CDRH124-680MC
Sumida5
68
µH, 1.5A, shielded
U1
MIC4680BM
Micrel Semiconductor6
1A 200kHz power-SO-8 buck regulator
1
1 AVX: http://www.avxcorp.com
2 Panasonic: http://www.maco.panasonic.co.jp/eccd/index.html
3 Vishay-Diodes, Inc., tel: (805) 446-4800, http://www.diodes.com
4 Coiltronics, tel: (561) 241-7876, http://www.coiltronics.com
5 Sumida, tel: (408) 982-9960, http://www.sumida.com
6 Micrel, tel: (408) 944-0800, http://www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com